PART |
Description |
Maker |
87433-0620 87433-0520 87433-2620 87433-2120 87433- |
RECEPTACLE 2 ROW 11WAY RECEPTACLE 2 ROW 51WAY RECEPTACLE 2 ROW 25WAY RECEPTACLE 2 ROW 15WAY RECEPTACLE 2 ROW 21WAY RECEPTACLE 2 ROW 9WAY 插座2WAY RECEPTACLE 2 ROW 41WAY 插座21WAY
|
AVX, Corp.
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
0736562001 73656-2001 |
2.00mm (.079") Pitch HDM庐 Board-to-Board Backplane Power Module, Vertical, SMC,Power Receptacle, 3 Circuits, Gold (Au) 0.76渭m (30渭") 2.00mm (.079) Pitch HDM? Board-to-Board Backplane Power Module, Vertical, SMC,Power Receptacle, 3 Circuits, Gold (Au) 0.76μm (30μ)
|
Molex Electronics Ltd.
|
0736562000 73656-2000 |
2.00mm (.079") Pitch HDM庐 Board-to-Board Backplane Power Module, Vertical, SMC,Power Receptacle, 3 Circuits, Gold (Au) 0.76渭m (30渭") 2.00mm (.079) Pitch HDM? Board-to-Board Backplane Power Module, Vertical, SMC,Power Receptacle, 3 Circuits, Gold (Au) 0.76μm (30μ)
|
Molex Electronics Ltd.
|
STL51007X STL51007 Q62702-P3004 |
1300 nm Laser in Receptacle Package, Low Power 1300 nm激光在插孔封装,低功 1300 nm Laser in Receptacle Package,Low Power From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
87622-4002 |
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus PS- P Receptacle, Through Hole, Vertical, Power Beta 4, Signal 24, Power Alpha 4
|
Molex Electronics Ltd.
|
PR-2155 |
DC POWER RECEPTACLE
|
CUI INC
|
45579-0001 |
SPOX BMI Receptacle 6 circuit 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
61729-10P1BPSLF 61729-0010BLF 61729-1011BLF 61729- |
4 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE USB RECEPTACLE B TYPE
|
FCI connector
|
221-510-0000G |
POWER PC RECEPTACLE 40 AMP
|
Winchester Electronics Corp...
|
240-050-3P01A 240-050-3P01B 240-050-3P01C 240-050- |
FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE ARINC 600 Class A Size 3 Filter Receptacle
|
GLENAIR INC Glenair, Inc.
|
|